Part Number Hot Search : 
STK40 HD6305Y0 NCP430 TDA7056A IL2576D B9308 M38503 KD90F80
Product Description
Full Text Search
 

To Download AR7643 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 The wireless communication solution provider
12-bit Touch Panel Controller IC
FEATURES
U U U U U U U U U U Serial interface 4-wire touch panel interface Embedded touch panel drivers 2.2 V to 5.5 V supply voltage 12-bit analog to digital converter Programmable 8 or 12 bit resolution Up to 125 KHZ conversion rate 2 auxiliary analog inputs Full power down control SSOP-16 package
AR7643
APPLICATIONS
Personal digital assistants (PDAs) Point of sales terminals Pagers High speed data acquisition Portable instruments Low power instruments
DESCRIPTION
The AR7643 Touch Panel Controller IC is a 12-bit SAR analog-to-digital (ADC) converter with SPI serial interface and low on-resistance drivers for 4-wire resistive touch panels. The AR7643 is a highly integrated controller suitable for portable applications which use 4-wire resistive touch panels such as, PDA, portable instruments, cellular phone, etc. The AR7643 contains all the analog and digital circuitry necessary to complete a pen request. The AR7643 consumes only 648 mW at a 125 KHz sample rate and a 2.7 V supply and consumes only 2.7 mW in shutdown mode. The AR7643 is guaranteed to operate down to 2.2 V supply. The AR7643 is provided in a very small 16-lead SSOP package and is guaranteed over the temperature range from 40 to +85C.
The wireless communication solution provider
The wireless communication solution provider


▲Up To Search▲   

 
Price & Availability of AR7643

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X